Part Number Hot Search : 
7410DC ZMM12HCB 6039039 SRM20256 6UK30 MB15F03 PST3125 EPS13
Product Description
Full Text Search
 

To Download 414-43-204-41-117000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTERCONNECTS 2,54 Grid Surface Mount Headers and Sockets Single and Double Row
2,54 Number of Pins X 2,54
Series 329, 340, 414, 429
* Series 329 and 429 pin interconnects offer vertical Surface Mount MM #2956-X solder tails. See page 185 for details. * Series 340 Surface mount sockets use MM #4078 pins. Series 414 sockets use MM #1434 pins. See pages 133 and 138 for details.
0,46 DIA.
3,07 7,06
2,79
1,60 DIA.
0,46
2,54
Coplanarity 0,13. For Pin Counts >10 positions consult Technical Support.
* Series 340 and 414 receptacles use HiRel, 4-finger BeCu #30 contacts rated at 3 amps. Receptacles accept 0,38 - 0,64 diameter pins. See page 218 for details. * Insulators are high temp. thermoplastic.
Fig. 1
2002/95/EC
RoHS
5,08 2,54 Number of Pins X 2,54 / 2
Ordering Information
Series 329...560 Surface Mount Pin Header
0,46 DIA.
3,07 7,06
Fig. 1
2,54
329-10-1_ _-00-560000 Specify # of pins 02-64 Surface Mount Pin Header
2,79
0,97 DIA.
0,46
Series 429...560
Coplanarity 0,13. For Pin Counts >10 positions consult Technical Support.
Fig. 2
429-10-2 _ _-00-560000 Specify # of pins 04-72
Fig. 2
0,38-0,64 0,25 * 0,46
5,08
Number of Pins X 2,54 / 2
For Electrical, Mechanical & Enviromental Data, See pg. 4
For RoHS compliance select plating code.
2,44 0,97 DIA. 0,64 DIA. HOLE 2,54
2,79 4,22
PLATING CODE =
10 0,25m Au
Pin Plating
2,54
Series 414...117
Surface Mount Socket
Coplanarity 0,13. For Pin Counts >10 positions consult Technical Support.
Fig. 3
414-43-2 _ _-41-117000 Specify # of pins Series 340...780 04-72 Surface Mount Socket
Fig. 3
Number of Pins X 2,54
0,38-0,64 0,25 * 0,46
2,54
2,11 4,37
2,79 5,08 2,29
Fig. 4
2,54 2,79
340-43-1 _ _-30-780100 Specify # of pins 02-64
For RoHS compliance select plating code.
1,17
1,42
3,18
Footprint
3,3
For Electrical, Mechanical & Enviromental Data, See pg. 4
2,54
Coplanarity 0,13. For Pin Counts >10 positions consult Technical Support.
PLATING CODE =
43
5,08m Sn 0,76m Au
Fig. 4
Sleeve (Pin) Contact (Clip)
w w w. m i l l - m a x . c o m
76
516-922-6000


▲Up To Search▲   

 
Price & Availability of 414-43-204-41-117000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X